Part Number Hot Search : 
L5931 CBCX68 TB0195A 00222 1N627 1N3331R SP8808A M51946A
Product Description
Full Text Search
 

To Download SR1030CT-SR10150CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SR1030CT thru SR10150CT
SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE - 30 to 150Volts FORWARD CURRENT - 10.0 Amperes TO-220AB
.108 (2.75) .413(10.5) .374(9.5) .153(3.9) .146(3.7) .187(4.7) .148(3.8) .055(1.4) .047(1.2)
FEATURES
Metal of silicon rectifier , majority carrier conduction Guard ring for transient protection Low power loss,high efficiency High current capability,low VF High surge capacity Plastic package has UL flammability
.270(6.9) .230(5.8) .610(15.5) .583(14.8)
classification 94V-0 For use in low voltage,high frequency inverters,free wheeling,and polarity protection applications
MECHANICAL DATA
Case: TO-220AB molded plastic Polarity: As marked on the body
.051 (1.3) .043(1.1) .032(0.8) .102(2.6) .091(2.3)
.157 .583(14.8) (4.0) .531(13.5)
Weight: 0.08ounces,2.24 grams
Mounting position :Any
.024(0.6) .012(0.3) .126 (3.2)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current ( See Fig.1) Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Peak Forward Voltage at 5.0A DC (Note1) Maximum DC Reverse Current at Rated DC Bolcking Voltage @TJ=25 @TJ=100 @TC=95
SYMBOL VRRM VRMS VDC I(AV)
SR 1030CT 30 21 30
SR 1040CT 40 28 40
SR 1050CT 50 35 50
SR 1060CT 60 42 60 10
SR SR SR 1080CT 10100CT 10150CT 80 56 80 100 70 100 150 105 150
UNIT V V V A
IFSM VF IR CJ RJC TJ TSTG 0.55 0.60 0.70
125 0.85 1.0 50 250 3.0 -55 to +150 -55 to +150 0.95
A V mA pF /W
Typical Junction Capacitance (Note2) Typical Thermal Resistance (Note3) Operating Temperature Range Storage Temperature Range NOTES:1.300us pulse width,2% dudy cycle.
2.Measured at 1.0 MHZ and applied reverse voltage of 4.0V DC. 3.Thermal resistance junction to case.
~ 179 ~
RATING AND CHARACTERTIC CURVES SR1030CT thru SR10150CT
FIG. 1 - FORWARD CURRENT DERATING CURVE 12 AVERAGE FORWARD CURRENT AMPERES 10 8 6 4 2 0 25 50 75 100 125 150 175 CASE TEMPERATURE () FIG.3-TYPICAL REVER CHARACTERISTICS 1000 INSTANTANEOUS REVERSE CURRENT,(mA) 100 INSTANTANEOUS FORWARD CURRENT, (A)
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD 0.3759.5mm) LEAD LENGTHS
FIG. 2 - MAXIMUM NON-REPETITIVE SURGE CURRENT PEAK FORWARD SURGE CURRENT, AMPERES 200
PULSE WIDTH 8.3 ms SINGLE HALF-SINE-WAVE (JEDEC METHOD)
150 100
0
1
2
5
10
20
50
100
NUMBER OF CYCLES AT 60Hz FIG.4-TYPICAL FORWARD CHARACTERISTICS
SR1030CT SR1040CT SR1050CT-SR1060CT
100
10
SR1080CT-SR10100CT
10
TJ=100
1.0
TJ=75
SR10150CT
1
TJ=25
0.1
TJ = 25C PULSE WIDTH 300us 2% DUTY CYCLE
0.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
0.1 5 0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.5 - TYPICAL JUNCTION CAPACITANCE 1000
CAPACITANCE, (pF)
100
TJ = 25C f = 1 MHz
10 0.1 10 1 REVERSE VOLTAGE ,VOLTS 100
~ 180 ~


▲Up To Search▲   

 
Price & Availability of SR1030CT-SR10150CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X